Part Number Hot Search : 
1N4899 SMAJ40 YMF781 QSB34GR U3742BM 5KE200 EA09644 1N4899
Product Description
Full Text Search
 

To Download BC847S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC847S
BC847S
E2 B2 C1
SC70-6
Mark: 1C
pin #1
C2 B1 E1
NOTE: The pinouts are symmetrical; pin 1 and pin 4 are interchangeable. Units inside the carrier can be of either orientation and will not affect the functionality of the device.
NPN Multi-Chip General Purpose Amplifier
This device is designed for general purpose amplifier applications at collector currents to 200 mA. Sourced from Process 07.
Absolute Maximum Ratings*
Symbol
VCEO VCES VCBO VEBO IC TJ, Tstg Collector-Base Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Collector-Emitter Voltage
TA = 25C unless otherwise noted
Parameter
Value
45 50 50 6.0 200 -55 to +150
Units
V V V V mA C
4
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient
Max
BC847S 300 2.4 415
Units
mW mW/C C/W
2001 Fairchild Semiconductor Corporation
Rev.A1
BC847S
NPN Multi-Chip General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CES V(BR)CBO V(BR)EBO ICBO Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current IC = 10 mA, IB = 0 IC = 10 A, IE = 0 IC = 10 A, IE = 0 IE = 10 A, IC = 0 VCB = 30 V, IE = 0 VCB = 30 V, IE = 0, TA = 150C 45 50 50 6.0 15 5.0 V V V V nA A
ON CHARACTERISTICS
hFE VCE(sat) VBE(on) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter ON Voltage IC = 2.0 mA, VCE = 5.0 V IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5.0 mA IC = 2.0 mA, VCE = 5.0 V IC = 10 mA, VCE = 5.0 V 110 630 0.25 0.65 0.7 0.77 V V V V
0.58
SMALL SIGNAL CHARACTERISTICS
fT Cobo Current Gain - Bandwidth Product Output Capacitance IC = 20 mA, VCE = 5.0, f = 100 mHz VCB = 10 V, f = 1.0 MHz 200 2.0 MHz pF
Typical Characteristics
1200 1000 800 600
25 C 125 C
VCESAT - COLLECTOR-EMITTER VOLTAGE (V)
h FE - TYPICAL PULSED CURRENT GAIN
Typical Pulsed Current Gain vs Collector Current
V CE = 5.0 V
Collector-Emitter Saturation Voltage vs Collector Current
0.3 0.25 0.2
125 C
= 10
0.15 0.1 0.05 0.1
25 C - 40 C
400
- 40 C
200 0 0.01 0.03 0.1 0.3 1 3 10 30 I C - COLLECTOR CURRENT (mA) 100
1 10 I C - COLLECTOR CURRENT (mA)
100
BC847S
NPN Multi-Chip General Purpose Amplifier
(continued)
Typical Characteristics
VBESAT - COLLECTOR-EMITTER VOLTAGE (V)
1
- 40 C
VBEON- BASE-EMITTER ON VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
Base-Emitter ON Voltage vs Collector Current
1 0.8 0.6
125 C - 40 C 25 C
0.8 0.6 0.4 0.2 0.1 1 10 I C - COLLECTOR CURRENT (mA) 100
25 C 125 C
= 10
0.4
V CE = 5.0 V
0.2 0.1 1 10 I C - COLLECTOR CURRENT (mA) 40
Collector-Cutoff Current vs Ambient Temperature
I CBO - COLLE CTOR CURRENT (nA) 10 VCB = 45V
CAPACITANCE (pF) 4 3 5
Input and Output Capacitance vs Reverse Bias Voltage
f = 1.0 MHz
1
C te
2 1 0
C ob
4
20
0.1 25
50 75 100 125 TA - AMBIE NT TEMP ERATURE ( C)
150
0
4
8 12 16 REVERSE BIAS VOLTAGE (V)
V CE - COLLECTOR VOLTAGE (V)
10 7 5
150 MHz 175 MHz
CHARAC TERIS TICS R ELATI VE TO VALUE AT T A = 25 C
Contours of Constant Gain Bandwidth Product (f T )
Normalized Collect or-Cutoff Current vs Ambient Temperature
100
1000
100
3 2
125 MHz 100 MHz 75 MHz
10
1 0.1
1 10 I C - COLLECTOR CURRENT (mA)
1 25
50 75 100 125 T A - AMBIE NT TEMP ERATURE ( C)
150
BC847S
NPN Multi-Chip General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Noise Figure vs Frequency
10 NF - NOISE FIGURE (dB) I C = 200 A, R S = 10 k I C = 100 A, R S = 10 k I C = 1.0 mA, R S = 500 4 I C = 1.0 mA, R S = 5.0 k V CE = 5.0V 0 0.0001 0.001 0.01 0.1 1 f - FREQUENCY (MHz) 10 100 NF - NOISE FIGURE (dB) 5
Wideband Noise Frequency vs Source Resistance
V CE = 5.0 V
8
4 3 2 1 0
BANDWIDTH = 15.7 kHz
6
I C = 100 A I C = 30 A
2
I C = 10 A
2,000 5,000 10,000 20,000 50,000 100,000
1,000
R S - SOURCE RESISTANCE ( )
Power Dissipation vs Ambient Temperature
P D - POWER DISSIPATION (mW) 500 400
SC70-6
300 200 100 0
0
25
50 75 100 TEMPERATURE ( C)
125
150
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R)
VCXTM
STAR*POWER is used under license
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. H4


▲Up To Search▲   

 
Price & Availability of BC847S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X